Part Number Hot Search : 
KDS114WS IN4747A RP2R0DA 0100D MA3D761 4D561K DS1821 BCR553
Product Description
Full Text Search
 

To Download 2SA2021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SA2021
Silicon PNP epitaxial planer type
Unit: mm
For general amplification Complementary to 2SC5609 I Features
* High foward current transfer ratio hFE * SSS-mini type package, allowing downsizing and thinning of the equipment and automatic insertion through the tape packing
0.33+0.05 -0.02 3
0.10+0.05 -0.02
(0.40) (0.40) 0.800.05 1.200.05 5
0.15 min.
0.23+0.05 -0.02
1
2
I Absolute Maximum Ratings Ta = 25C
Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature VCBO VCEO VEBO ICP IC PC Tj Tstg -60 -50 -7 -200 -100 100 125 -55 to +125 V V V mA mA mW C C
0 to 0.01
Parameter
Symbol
Rating
Unit
1: Base 2: Emitter 3: Collector SSS Mini Type Package (3-pin)
Marking Symbol: 3E
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Symbol ICBO ICEO Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Collector output capacitance Transition frequency VCBO VCEO VEBO hFE VCE(sat) Cob fT Conditions VCB = -20 V, IE = 0 VCE = -10 V, IB = 0 IC = -10 A, IE = 0 IC = -100 A, IB = 0 IE = -10 A, IC = 0 VCE = -10 V, IC = -2 mA IC = -100 mA, IB = -10 mA VCB = -10 V, IE = 0, f = 1 MHz VCB = -10 V, IE = 1 mA, f = 200 MHz -60 -50 -7 180 - 0.3 2.7 80 390 - 0.5 V pF MHz Min Typ Max - 0.1 -100 Unit A A V V V
0.520.03
5
0.15 min.
0.800.05
1.200.05
1


▲Up To Search▲   

 
Price & Availability of 2SA2021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X